|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD :11EQ06 Type :11EQ06 OUTLINE DRAWING OUTLINE DRAWING FEATURES * Miniature Size * Low Forward Voltage drop * Low Power Loss, High Efficiency * High Surge Capability * 40 Volts thru 100 Volts Types Available * 26mm&52mm Inside Tape Spacing Package Available Maximum Ratings Rating Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Without Fin or Average Rectified P.C.Board Output Current P.C.Board mounted RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg Symbol IRM VFM 25 0.8 1.0 Approx Net Weight:0.21g 11EQ06 60 65 Ta=27C* Ta=33C* 50Hz Half Sine Wave Resistive Load Unit V V A A A C C Unit mA V C/W 1.57 50Hz Half Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150 Conditions Min. Typ. Max. 1 0.58 140 105 Electrical * Thermal Characteristics Characteristics Peak Reverse Current Peak Forward Voltage Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Without Fin or P.C.Board Thermal Resistance (Junction to Ambient) Rth(j-a) P.C.Board mounted *:Print Lands=5x5mm,Both Sides 11EQ06 OUTLINE DRAWING (Dimensions in mm) FORWARD CURRENT VS. VOLTAGE 11EQ06 5 INSTANTANEOUS FORWARD CURRENT (A) 2 Tj=25C Tj=150C 1 0.5 0.2 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD POWER DISSIPATION 11EQ06 D.C. 1.0 AVERAGE FORWARD POWER DISSIPATION (W) 0.8 RECT 180 HALF SINE WAVE RECT 120 0.6 RECT 60 0.4 0.2 0 0 0.4 0.8 AVERAGE FORWARD CURRENT (A) 1.2 1.6 PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE Tj= 150 C 50 11EQ06 PEAK REVERSE CURRENT (mA) 20 10 0 10 20 30 40 50 60 70 PEAK REVERSE VOLTAGE (V) AVERAGE REVERSE POWER DISSIPATION 11EQ06 AVERAGE REVERSE POWER DISSIPATION (W) 2.4 D.C. 2.0 RECT 300 1.6 RECT 240 1.2 RECT 180 0.8 HALF SINE WAVE 0.4 0 0 10 20 30 40 50 60 70 REVERSE VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE W it h o u t F in o r P . C . B o a r d ,V R M = 6 0 V 11EQ06 1.6 D.C. AVERAGE FORWARD CURRENT (A) 1.2 HALF SINE WAVE. RECT 120. 0.8 RECT 60. RECT 180. 0.4 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C) 0 180 CONDUCTION ANGLE AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE P . C . B o a r d m o u n t e d (L = 8 m m ,P rin t L a n d = 1 0 x 1 0 m m ), V R M = 6 0 V 11EQ06 1.6 D.C. AVERAGE FORWARD CURRENT (A) 1.2 RECT 180. HALF SINE WAVE. RECT 120. 0.8 RECT 60. 0.4 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C) SURGE CURRENT RATINGS f=50Hz,Half Sine Wave,Non-Repetitive,No Load 30 11EQ06 25 SURGE FORWARD CURRENT (A) 20 15 10 5 0.02s I FSM 0 0.02 0.05 0.1 0.2 TIME (s) 0.5 1 2 JUNCTION CAPACITANCE VS. REVERSE VOLTAGE T j= 2 5 C ,V m = 2 0 m V R M S ,f = 1 0 0 k H z ,T yp ica l V a lu e 200 11EQ06 JUNCTION CAPACITANCE (pF) 100 50 20 10 0.5 1 2 5 10 20 50 100 REVERSE VOLTAGE (V) |
Price & Availability of 11EQ06 |